Part Number Hot Search : 
FU9310 2SC403B OMT621SN 10022054 1N4747 N2914 PST1600A MAX7420
Product Description
Full Text Search
 

To Download MM1C1050290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
10 Channel Mux/Demux with low-loss express; 100GHz Channels
Bookham offers a high performance 10 channel multiplexer or demultiplexer solution for 100 GHz channels. This product uses Bookham proprietary Advanced Energetic Disposition (AED) thin film deposition technology for superior performance. The Bookham 10 channel solutions offer an ideal combination of fully passive operation, low loss, compact size, wide channel pass bands and an upgrade path to 40 channels. Insertion loss of <4.0dB is achieved in the uniform loss version of the product. Matched mux-demux pairs are offered with typical back-to-back insertion loss of 5dB. Ribbon connector options are available for easy interconnection to the rest of the system. Thin film technology provides a flat-topped pass band design that allows for less stringent control of the laser wavelength over the system lifetime. These flexible upgrade modules use the Bookham 10-skip-0 banded upgrade port. The 10-skip-0 filter passes ten 100GHz spaced channels to the ITU channel filters. The same filter reflects all remaining channels onto the express port with very low loss. Modules can be cascaded to form 20, 30, or 40 channel filter solutions. The 10 skip 0 banded port also allows optical add drop multiplexing (OADM) functionality for this module. Features: * Passive operation * Flexible upgrade path to 40 channels * Flat pass band design * Low loss express using 10-skip-0 filter * 27.5 GHz clear pass band * Low loss (<4.0dB) * High adjacent channel isolation * -5 to 70C operating temperature * Compact Size (120x80x14mm) * Telecordia GR-1221 qualified * RoHS compliant Options: * Ribbon connectors * Uniform loss or matched mux/demux loss * Optical monitor ports * OADM function * Without 10-skip-0 filter * Rack mount or LGX enclosure Applications: * Metro and long-haul mux/demux * OADM nodes * Subsystem building block Example Performance:
1
Data Sheet
10 Channel Mux/Demux; 100GHz Channels
Specifications (valid over operating temperature)
Parameter Channel Number Channel Spacing Band Plan Option 20 30 40 50 Region Measure from => to Specification 10 100 192.0 193.0 194.0 195.0 to to to to 192.9 193.9 194.9 195.9 GHz THz Unit
Passband Region Insertion Loss
[1]
ITU 13.75 Passband Passbands Common => Ports 1-10 Common => Express Common => Ports 1-10 Common => Ports 1-10 Common => Ports 1-10 Common => Ports 1-10 Common => Express 4.0 0.9 0.5 1.0 25 40 13 45 0.25 0.15 300 -5 to 70 -40 to 85 1.0 + 0.1 120x80x14 900m tight buffer options available
GHz Max Max Max Max Min Min Min Min Max Max Min C C m mm dB dB dB dB dB dB dB dB dB dB mW
IL Variation Channel to Channel Variation
Passband Passbands Adj Ch
Isolation
Non-Adj Ch Add/Drop
Return Loss Polarization Dependant Loss Polarization Mode Dispersion Power Handling Operating Temperature Storage Temperature Fiber Length Dimensions Fiber Type Connector Type
[1] Losses include connectors.
Typical Application
Cascade of four 10 channel modules for 40 channel coverage. Modules can be added in any order of cascade
2
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: 10ch Mux/Demux part numbers: M_1C10_ _ 290
M=Mux Channel D=Demux Plan
}
}
Band (THz) 192.0 to 192.9 193.0 to 193.9 194.0 to 194.9 195.0 to 195.9
Channel Plan 20 30 40 50
Part numbers may change depending on optional configurations chosen including connectors, packaging, pigtails, tap ports and final optical function.
Contact Information
North America Santa Rosa Office Headquarters
3640 Westwind Boulevard Santa Rosa CA 95403 USA * Tel: +1 707 636 1100 * Fax: +1 707 636 1199
Europe Paignton Office
Brixham Road Paignton Devon TQ4 7BE United Kingdom * Tel: +44 (0) 1803 66 2000 * Fax: +44 (0) 1803 66 2801
Asia Shenzhen Office
2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China * Tel: +86 755 33305888 * Fax: +86 755 33305805 +86 755 33305807
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
www.bookham.com sales@bookham.com
3
BH12938 Rev 2.0 March 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of MM1C1050290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X